PART |
Description |
Maker |
A165L-ARA-12-1 A165L-ARA-5-1 A165L-TYA-24D-1P A16Z |
Separate Construction with Cylindrical 16-dia. Body
|
Omron Electronics LLC
|
CY7C192-15VXC |
64K x 4 Static RAM with Separate IO; Density: 256 Kb; Organization: 64Kb x 4; Vcc (V): 4.5 to 5.5 V; 64K X 4 STANDARD SRAM, 15 ns, PDSO28 64 K × 4 Static RAM with Separate IO CMOS for optimum speed/power
|
Cypress Semiconductor, Corp.
|
1N4007G 1N4004G 1N4001G 1N4002G 1N4002 1N4006 1N40 |
Rectifiers(整流 1 A, 1000 V, SILICON, SIGNAL DIODE (1N4001G - 1N4007G) Rectifiers(Rugged glass package / using a high temperature alloyed construction) IC REG VOLT 4.8V 240MA SOT-23 Rectifiers(Rugged glass package/ using a high temperature alloyed construction) Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 50 V, SILICON, SIGNAL DIODE Rectifiers(Rugged glass package, using a high temperature alloyed construction) 整流器(坚固的玻璃封装,采用高温合金建设 Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 400 V, SILICON, SIGNAL DIODE
|
PHILIPS[Philips Semiconductors] http:// NXP Semiconductors N.V.
|
STR7101 STR7000 |
(STR7101 - STR7103) Separate Excitation Switching Type (STR7000 - STR7003) Separate Excitation Switching Type
|
Sanken electric
|
IR21814 IR2181S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
AD7225 AD7225LN AD7225LR AD7225LP AD7225KN AD7225K |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 8-BIT DAC, PDIP24 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQCC28 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
PVI5033RS-TPBF |
Monolithic construction
|
International Rectifier
|
74F192PC 74F192SJ 74F192 |
Up/Down Decade Counter with Separate Up/Down Clocks
|
FAIRCHILD[Fairchild Semiconductor]
|
CY7C192-12VC CY7C19206 |
64K x 4 Static RAM with Separate I/O
|
Cypress Semiconductor
|
CY7C1001-12PC CY7C1001-15 CY7C1001-15PC CY7C1001-1 |
256K X 4 STATIC RAM WITH SEPARATE I/O
|
CYPRESS[Cypress Semiconductor]
|
1EDI05I12AF 1EDI60I12AF 1EDI40I12AF |
Separate output variant for IGBT
|
Infineon Technologies AG
|